PART |
Description |
Maker |
JANTXV2N6760 JANTX2N6760 IRF330 |
400V Single N-Channel Hi-Rel MOSFET in a TO-204AA package HEXFET? TRANSISTOR TRANSISTORS N-CHANNEL(Vdss=400V, Rds(on)=1.00ohm, Id=5.5A)
|
IRF[International Rectifier]
|
IRFP350 IRFP350PBF |
400V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=400V, Rds(on)=0.30ohm, Id=16A)
|
International Rectifier
|
IRFD320 |
400V Single N-Channel HEXFET Power MOSFET in a HEXDIP package
|
International Rectifier
|
IRFR310 IRFU310 IRFR310TRL IRFR310TRR IRFU310PBF |
400V Single N-Channel HEXFET Power MOSFET in a I-Pak package 400V Single N-Channel HEXFET Power MOSFET in a D-Pak package Power MOSFET(Vdss=400V, Rds(on)=3.6ohm, Id=1.7A) Power MOSFET(Vdss=400V Rds(on)=3.6ohm Id=1.7A)
|
IRF[International Rectifier]
|
JANTXV2N6792U JANTX2N6792U |
400V Single N-Channel Hi-Rel MOSFET in a 18-pin LCC package HEXFET?TRANSISTORS
|
International Rectifier
|
IRF730S IRF730SPBF |
400V Single N-Channel HEXFET Power MOSFET in a D2-Pak package HEXFET? Power MOSFET
|
International Rectifier
|
IRFP360 IRFP360PBF |
400V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=400V, Rds(on)=0.20ohm, Id=23A) 功率MOSFET(减振钢板基本\u003d00V,的Rdson)\u003d 0.20ohm,身份证\u003d 23A条)
|
International Rectifier, Corp.
|
IRFRU9310 IRFU9310 IRFR9310 |
-400V Single P-Channel HEXFET Power MOSFET in a I-Pak package Power MOSFET(Vdss=-400V, Rds(on)=7.0ohm, Id=-1.8A) 功率MOSFET(减振钢板基本\u003d-00V,的Rds(on)\u003d 7.0ohm,身份证\u003d- 1.8A
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRF730A IRF730 IRF730APBF |
400V Single N-Channel HEXFET Power MOSFET in a TO-220AB package SMPS MOSFET
|
IRF[International Rectifier]
|
IRL3714L IRL3714S IRL3714 IRL3714STRR |
TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 36A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 20V的五(巴西)直| 36A条(丁)|63AB HEXFET? Power MOSFET Power MOSFET(Vdss=20V, Rds(on)max=20mohm, Id=36A) 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier, Corp. http:// IRF[International Rectifier]
|
IRFM360 |
400V, N-CHANNEL HEXFET MOSFETTECHNOLOGY
|
IRF[International Rectifier]
|
X24C04V-1.8 X24C04PI-1.8 X24C04V-2.7 X24C04MI-1.8 |
30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF3709ZCS with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRL3713L with Standard Packaging I2C Serial EEPROM 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFZ46NS with Tape and Reel Right Packaging 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR3303 with Standard Packaging I2C串行EEPROM
|
Electronic Theatre Controls, Inc.
|